Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download 2SC3544 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc rf product specification isc silicon npn rf transistor 2SC3544 description low base time constant; r bb? ? cc = 5 ps typ. high gain bandwidth product ft= 2 ghz typ. @ i e = 5ma, v ce = 10v low feedback capacitance; c re = 0.55 pf typ. applications designed for use as uhf oscillator and mixer in a tuner of a tv receiver. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage 30 v v ceo collector-emitter voltage 15 v v ebo emitter-base voltage 3 v i c collector current-continuous 50 ma p c collector power dissipation @t c =25 0.25 w t j junction temperature 125 t stg storage temperature range -55~125 isc website www.iscsemi.cn
inchange semiconductor isc rf product specification isc silicon npn rf transistor 2SC3544 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v ce( sat ) collector-emitter saturation voltage i c = 10ma ; i b = 1ma 0.5 v i cbo collector cutoff current v cb = 12v; i e = 0 0.1 a h fe dc current gain i c = 5ma ; v ce = 10v 50 250 f t current-gain?bandwidth product i e = -5ma ; v ce = 10v 1.3 2.0 ghz c re feedback capacitance i e = 0 ; v cb = 10v;f= 1.0mhz 0.55 1.0 pf r bb? ? c c base time constant v ce = 10v,i e = -5ma,f = 31.9 mhz 5 15 ps ? h fe classifications marking m l k h fe 50-100 70-140 120-250 isc website www.iscsemi.cn 2
inchange semiconductor isc rf product specification isc silicon npn rf transistor 2SC3544 isc website www.iscsemi.cn
inchange semiconductor isc rf product specification isc silicon npn rf transistor 2SC3544 s-parameter v ce = 10 v, i c = 5 ma , z o = 50 freque . s 11 s 21 s 12 s 22 mhz mag. ang. mag. an g. mag. ang. mag. ang. 200 0.423 -78.0 7.244 107.7 0.047 64.7 0.780 -21.6 400 0.244 -107.9 3.756 84.2 0.062 58.8 0.744 -24.2 600 0.196 -131.7 2.686 69.2 0.088 58.0 0.721 -31.5 800 0.187 -154.3 2.037 55.8 0.099 56.7 0.718 -40.0 1000 0.175 -171.7 1.784 44. 9 0.124 58.2 0.726 -49.6 1200 0.171 166.5 1.428 36.1 0.149 58.0 0.756 -58.9 1400 0.174 147.7 1.308 26.2 0.179 57.2 0.774 -67.2 1600 0.204 129.8 1.105 15.6 0.203 56.7 0.742 -75.7 v ce = 10 v, i c = 10 ma , z o = 50 freque . s 11 s 21 s 12 s 22 mhz mag. ang. mag. an g. mag. ang. mag. ang. 200 0.281 -100.6 8.206 98.9 0.060 74.9 0.712 -21.5 400 0.220 -128.0 4.067 79.0 0.650 65.6 0.712 -22.6 600 0.218 -151.2 2.892 65.6 0.088 62.0 0.708 -29.8 800 0.181 -172.8 2.175 53.4 0.101 62.2 0.694 -38.6 1000 0.182 169.5 1.882 43.0 0.131 61.6 0.711 -48.0 1200 0.190 150.8 1.503 34.6 0.154 61.9 0.732 -58.1 1400 0.202 133.4 1.370 24.4 0.187 62.3 0.761 -66.6 1600 0.241 120.0 1.150 14.7 0.208 62.1 0.735 -74.9 isc website www.iscsemi.cn 4


▲Up To Search▲   

 
Price & Availability of 2SC3544

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X